Part Number Hot Search : 
LC503 09012 TRLPB RATION V04A111 W12NK SC1454 EQS04
Product Description
Full Text Search
 

To Download FKC10-12S03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.make-ps.com e-mail:info@make-ps.com series fkc10 10watt | dc-dc converter features: single & dual output dc/dc converter applications: wireless network telecom/datacom industry control system measurement equipment semiconductor e q ui p ment FKC10-12S03 fkc10-12s05 fkc10-12s12 fkc10-12s15 fkc10-12d05 fkc10-12d12 fkc10-12d15 fkc10-24s03 fkc10-24s05 fkc10-24s12 fkc10-24s15 fkc10-24d05 fkc10-24d12 fkc10-24d15 fkc10-24s03 fkc10-24s05 fkc10-48s12 fkc10-48s15 fkc10-48d05 fkc10-48d12 fkc10-48d15 (ma typ) (ma typ) (ma) input voltage input current output voltage output current efficiency part number vdc no-load full load vdc full load %typ FKC10-12S03/*** add suffix smd for smd package note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. tem p erature deratin g gra p h tolerance envelo p e gra p h temperature derating graph tolerance envelope graph m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t 1/3 10w dil package 2:1 wide input range 100% burned in high efficiency ul94v - 0 package material custom solutions available rohs compliant remote control:on/off 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 36-75 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 30 30 30 30 30 30 30 20 20 20 20 20 20 20 30 30 30 30 30 30 1016 1009 1012 503 502 502 512 254 251 252 251 253 256 1006 1004 1004 1024 508 504 506 251 5 15 12 15 3.3 12 5 12 15 5 12 15 5 12 15 3.3 12 5 5 15 3.3 2000 670 1000 420 340 3000 833 1000 420 340 2000 833 670 1000 420 340 3000 833 2000 670 3000 82 83 83 83 83 82 83 83 83 83 82 83 83 83 83 83 82 83 82 82 83 30 100 75 50 25 0 output power(%) -40 75 nature convection 100 ambient temperature( ) 85 output current(%) output voltage(%) 120% 110% 100% 90 % 80 % 70 % 10% 20% 30 % 40% 50% 60% 70% 80 % 90% 100% 110% 120%
www.make-ps.com e-mail:info@make-ps.com input specifications output specifications general specifications recommended test circuit suggest adding input external filter(c1,c2,l)to meet conducted emissions (en55022 class a) 2/3 parameters conditions min t yp max units v olta g e t yp es 2:1 filter pi network protection fuse recommended parameters conditions min t yp max units v olta g e tolerance sin g le/dual 2 % short circuit / restart continuous/ automatic over load protection 150 % line re g ulation hi g h line to low line 0.5 % load re g ulation sin g le & dual ( f.l-25%f.l ) 0.5 % minimum load 10% of full load ripple & noise bw=dc to 20mhz (with 1uf cap.) 100 mvp-p transient response setting time current change from 25% to 100% 350 us parameters conditions min typ max units isolation resistance 500vdc 1000 m ? switchin g fre q uenc y 400 khz o p eratin g tem p erature -40 100 humidit y non condensin g 95 % coolin g free air convection case material five-side shielded case wei g ht 17.5 g dimensions a pp earance size 31.6x20.1x10.0 mm pottin g material e p ox y ( ul94v-0 rated ) radiated emissions en55022 class a conducted emissions en55022 class a efficiency 80 % isolation volta g e for 10 seconds 1500 vdc mtbf mil-hdbk-217f @25 , ground benign 900000 hours stora g e tem p erature -55 +125 case tem p erature +95 temperature coefficinet:0.05%/ single vin +vout gnd -vout cin cout 100uf/25v 12v & 24v & 48v:cin 100uf,100v dual vin +vout gnd cin cout -vout cout 24v & 48v:cin 100uf,100v com 100uf/25v 100uf/25v c1 c2 12uh 2.2uf/100v 2.2uf/100v +vin -vin +vout -vout dc/dc converter load l
www.make-ps.com e-mail:info@make-ps.com dip24 package style $ $%  $ $&$  '  (
$ )! !*
" % $% %$   % %$ $ pin connections package style and pinning (mm) o o u u t t l l i i n n e e d d r r a a w w i i n n g g $%      %     %    %    %$ $ $ )! !*
" &$
  $&$ $ %$ $ $ $ $ $ $ $ !*
" $% %$ $% $ %$ same spec. as the original dip spec. and pin definition, excl. of the smd type pin. pin # single dual nc = no connection pin pitch tolerance 0.35 mm smd package style smd package style pin connections all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. pin # single dual 1 on/off on/off 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin nc = no connection pin pitch tolerance 0.35 mm 1 on/off on/off 2 -vin -vin 3 -vin -vin 9 nc com 11 nc -vout 14 +vout +vout 16 -vout com 22 +vin +vin 23 +vin +vin others nc nc 3/3 make power world-class design, development and manufacturing team stands ready to work with you to deliver the exact power converter you need for your ready to work with you to deliver the exact power converter you need for your demanding, large volume, oem applications. and ... we ll do it on time and within budget our experienced applications and design staffs; quick-turn prototype capability; highly automated, smt assembly facilities; and in-line spc quality-control techniques combine to give us the unique ability to design and deliver any quantity of power converters to the highest standards of quality and reliability. we have compiled a large library of dc/dc designs that are currently used in a variety of telecom, medical, computer, railway, aerospace and industrial applications. we may already have the converter you need. contact us. our goal is to provide you the highest-quality, most cost-effective power converters available. custom capabilities


▲Up To Search▲   

 
Price & Availability of FKC10-12S03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X